Part Number Hot Search : 
SDC15 2SC108 MAX4250 25ETT EUA6412 HTG12N0 ML63512 BFG741
Product Description
Full Text Search
 

To Download RT230PD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistor
Product Features
* 50 ~ 4000 MHz * 18dB Gain@900MHz * 34.5dBm P1dB@900MHz * 47dBm Output IP3 * GaAs HFET
RT230PD
Application
* CDMA,W-CDMA Medium
Power Amplifier
* High Linearity Drive Amplifier * ISM * MMDS * Wi-Fi, Wi-Max
Package : SP-12
Description
The RT230PD is designed for base stations and cell extenders and operating frequency range is from 50MHz to 4GHz. RT230PD is GaAs HFET in SP-12 type package which has superior performance against the heat at high temperature for its high reliability. It also has high efficiency, high gain and has a strong advantage using it as drive device at high frequency. RT230PD is 100% RF&DC tested.
Absolute Maximum Ratings
Parameter
Drain to Source Voltage Gate to Source Voltage Range Power Dissipation Storage Temperature Channel Temperature
Symbol
Vds Vgs Pt Tstg Tch
Rating
+12 0 to -5.0 7.5 -65 to +175 +175
Unit
V V W
Electrical Characteristics
Parameter
Saturated Drain Current Transconductance Pinch-off Voltage Breakdown Voltage Gate-Source Breakdown Voltage Gate-Drain Output Power @ 1dB G.C.P Power Gain @ 1dB G.C.P Power added efficiency Thermal Resistance
Symbol
Idss gm Vp Bvgs Bvgd P1dB G1dB add Rth
Min
-1 -18 -18 34
Typ
1100 790 -1.8
Max
Unit
mA mS
-3 -25 -25
V V V dBm dB %
34.5 14.5 50 18 20
/W
* Test Conditions : Vd=9V, Id=450mA, Ta=+25, Frequency=2.3GHz
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
Electrical Specifications
Parameter
Frequency Range Gain Input Return Loss Output IP3 1dB Compression Point Channel Power Noise Figure DC Current Supply Voltage
RT230PD
UNIT
MHz dB dB dBm dBm dBm dB mA VDC 900 18 -15 +47 +34.5 27.5 2.5 450 +9
Typical
1900 16.5 -20 +47 +34.5 25.5 2.5 450 +9 3.0 450 +9 2600 14.5 -20 +47 +34
*Test Conditions : (Vd = +9V, Id = 450mA, Ta=+25 ) *OIP3 is measured with two tones, at an output power of 20dBm/tone separated by 1MHz
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(824 ~ 896MHz)
Performance Charts (Vd = +9V, Id = 450mA, Ta = 25) Typical Specifications
Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure Channel Power@-45dBc ACPR MHz dB dB dBm dBm dB dBm 824 18.5 -15 860 18.3 -20 34.5 47 2.5 27.5 896 18 -16
Application Circuit
C3
+
C2
C1 R1 L2
C4
C5
C6
C7
+ -
RF IN Z1
L1 C8 L3 Z2 R2 C9 Z3
RT230PD Z4
C10 Z5 C11
RF OUT
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8,C10 C9 C11 R1 R2 Value 100pF 1000pF 0.1uF 4.7uF 30pF 5pF 4pF 51 8.2 Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 1608 Text L1 L2 L3 Z1 Z2 Z3 Z4 Z5 WL Value 18nH 18nH 3.9nH Size(mm) 1608 2520 1608 1.4 2.0 1.4 1.5 1.4 2.0 1.46.0 1.43.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(890 ~ 960MHz)
Performance Charts (Vd = +9V, Id = 450mA, Ta = 25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure Channel Power@-45dBc ACPR MHz dB dB dBm dBm dB dBm 890 18.2 -14 925 18 -18 34.5 47 2.5 27.5 960 17.8 -16
Application Circuit ( 890 ~ 960MHz )
C3
+
C2
C1 R1 L2
C4
C5
C6
C7
+ -
RF IN Z1
L1 C8 L3 Z2 R2 C9 Z3
RT230PD Z4
C10 Z5 C11
RF OUT
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8,C10 C9 C11 R1 R2 Value 100pF 1000pF 0.1uF 4.7uF 30pF 5pF 4pF 51 8.2 Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 1608 Text L1 L2 L3 Z1 Z2 Z3 Z4 Z5 WL Value 18nH 18nH 3.3nH Size(mm) 1608 2520 1608 1.4 2.0 1.4 1.5 1.4 2.0 1.46.0 1.43.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(1700 ~ 1800MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure Channel Power@ -45dBc ACPR MHz dB dB dBm dBm dB dBm 1700 16.8 -13 1750 17.3 -17 34.5 47 2.5 27.5 1800 16.5 -11
Application Circuit ( 1700 ~ 1800MHz )
C3
+
C2
C1 L1 L2
C4
C5
C6
C7
+ -
RF IN Z1 C8
R1
RT230PD Z3
C11 Z4 C10
RF OUT
Z2 C9
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 Value 100pF 1000pF 0.1uF 4.7uF 10pF 3.6pF 1.5pF 5pF Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 Text R1 L1 L2 Z1 Z2 Z3 Z4 WL Value 51 18nH 18nH Size(mm) 1608 1608 2520 1.4 7.0 1.4 2.0 1.4 2.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(1800 ~ 1900MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure Channel Power@ -45dBc ACPR MHz dB dB dBm dBm dB dBm 1700 16.9 -10 1750 17 -22 34.5 47 2.5 27.5 1800 16.6 -13
Application Circuit ( 1800 ~ 1900MHz )
C3
+
C2
C1 L1 L2
C4
C5
C6
C7
+ -
RF IN Z1 C8
R1
RT230PD Z3
C11 Z4 C10
RF OUT
Z2 C9
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 Value 100pF 1000pF 0.1uF 4.7uF 10pF 3.0pF 1.5pF 5pF Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 Text R1 L1 L2 Z1 Z2 Z3 Z4 WL Value 51 18nH 18nH Size(mm) 1608 1608 2520 1.4 7.0 1.4 2.0 1.4 2.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(1900 ~ 2000MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure Channel Power@ -45dBc ACLR MHz dB dB dBm dBm dB dBm 1900 16.5 -15 1950 16.7 -24 34.5 47 2.5 25 2000 15.9 -12
Application Circuit ( 1900 ~ 2000MHz )
C3
+
C2
C1 L1 L2
C4
C5
C6
C7
+ -
RF IN Z1 C8
R1
RT230PD Z3
C11 Z4 C10
RF OUT
Z2 C9
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 Value 100pF 1000pF 0.1uF 4.7uF 10pF 2.7pF 1.5pF 5pF Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 Text R1 L1 L2 Z1 Z2 Z3 Z4 WL Value 51 18nH 18nH Size(mm) 1608 1608 2520 1.4 7.0 1.4 2.0 1.4 2.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(2100 ~ 2200MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure Channel Power @ -45dBc ACLR MHz dB dB dBm dBm dB dBm 2100 16.5 -13 2150 16.3 -15 34.5 47 2.5 25 2200 16.2 -14
Application Circuit ( 2100 ~ 2200MHz )
C3
+
C2
C1 L1 L2
C4
C5
C6
C7
+ -
RF IN Z1 C8
R1
RT230PD Z3
C11 Z4 C10
RF OUT
Z2 C9
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 Value 100pF 1000pF 0.1uF 4.7uF 10pF 2.4pF 1.5pF 5pF Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 Text R1 L1 L2 Z1 Z2 Z3 Z4 WL Value 51 18nH 18nH Size(mm) 1608 1608 2520 1.4 7.0 1.4 2.0 1.4 2.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(2300 ~ 2400MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure MHz dB dB dBm dBm dB 2300 15.2 -10 2350 15.5 -20 34.5 47 2.8 2400 15 -10
Application Circuit ( 2300 ~ 2400MHz )
C3
+
C2
C1 R1 L2
C4
C5
C6
C7
+ -
RF IN Z1
L1 C8 Z2 L3 Z3 C9
RT230PD Z4
C11 Z5 C10
RF OUT
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 R1 Value 100pF 1000pF 0.1uF 4.7uF 10pF 2.2pF 1.5pF 5pF 51 Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 1608 Text L1 L2 L3 Z1 Z2 Z3 Z4 Z5 WL Value 18nH 18nH 2.7nH Size(mm) 1608 2520 1608 1.4 1.0 1.4 4.0 1.4 1.0 1.41.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(2500 ~ 2700MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure MHz dB dB dBm dBm dB 2500 14.7 -7 2600 14.7 -25 34 47 3.0 2700 14.2 -7
Application Circuit ( 2500 ~ 2700MHz )
C3
+
C2
C1 R1 L2
C4
C5
C6
C7
+ -
RF IN Z1
L1 C8 Z2 L3 Z3 C9
RT230PD Z4
C11 Z5 C10
RF OUT
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 R1 Value 100pF 1000pF 0.1uF 4.7uF 10pF 1.8pF 1.5pF 5pF 51 Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 1608 Text L1 L2 L3 Z1 Z2 Z3 Z4 Z5 WL Value 18nH 18nH 2.7nH Size(mm) 1608 2520 1608 1.4 1.0 1.4 4.0 1.4 1.0 1.41.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Application Circuit for RT230PD(3400 ~ 3600MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25)
Typical Specifications Frequency Range Gain Input Return Loss Output P1dB Output IP3 Noise Figure MHz dB dB dBm dBm dB 3400 11.9 -7 3500 12 -10 33 46 3.5 3600 11.9 -7
Application Circuit ( 3400 ~ 3600MHz )
C3
+
C2
C1 R1 L2
C4
C5
C6
C7
+ -
RF IN Z1
L1 C8 Z2 L3 Z3 C9
RT230PD Z4
C11 Z5 C10
RF OUT
Bill of Material
Text C4 C1,C5 C2,C6 C3,C7 C8 C9 C10 C11 R1 Value 100pF 1000pF 0.1uF 4.7uF 5pF 1.0pF 0.5pF 4pF 51 Size(mm) 1608 1608 1608 3216 1608 1608 1608 1608 1608 Text L1 L2 L3 Z1 Z2 Z3 Z4 Z5 WL Value 18nH 18nH 1.5nH Size(mm) 1608 2520 1608 1.4 1.0 1.4 4.0 1.4 1.0 1.41.0 1.47.0
Circuit Board Material : FR4(r=4.7), 0.8mm
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
RT230PD
Biasing Circuits for GaAs HFET Power Amplifiers
This circuit below normally operates GaAs Power Amplifier and it is one of the circuits for stable operation and satisfactory performance. It is structured by the parts for constant current operation. Main functions of this circuit : Negative Voltage Generator Power Sequencing mode(Negative before positive) Constant operating current Constant operating current circuit is structured by low cost components. It will operate of constant current regardless of any temperature changes. R3 should carefully be taken by power dissipation.
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2
Power Transistor
PN
Q1 Q2 Q3 R1 R2 R3 R4 R5 R6 R7 C1,C2
RT230PD
Maker
IRF Rohm Linear Tech Rohm Rohm Rohm Rohm Rohm Rohm Rohm Murata Taiyo Yuden Taiyo Yuden
Value
N/A N/A N/A 10k 24 0.5 1.5K 1K 430 10k 0.1uF
Description
P-channel MOSFET, IRLML5203 Dual PNP, UMT1N DC-DC Converter With Sequency mode, LTC1261 0603, 1/16W 0603, 1/16W 1206, 1 W 0603, 1/16W 0603, 1/16W 0603, 1/16W 0603, 1/16W 0603 1206 0805
Quantity
1 1 1 1 1 1 1 1 1 1 1 3 1
C3,C4,C5 4.7uF L1 1uH
Package Dimensions (Type:SP-12)
Function Input Output , Bias Ground
Pin No. 7, 8, 9 1, 2, 3 4, 5, 6, 10, 11, 12 Backside Copper
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC.
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 5.2


▲Up To Search▲   

 
Price & Availability of RT230PD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X